Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPX-AD2 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # AFPX-AD2
Description  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-AD2 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button AFPX-AD2 Datasheet HTML 9Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 10Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 11Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 12Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 13Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 14Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 15Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 16Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Adaptability
Program protection
Master memory
Protected
Protected
12
13
Protects your important program by preventing
illegal copies
GThe combination of upper and lower case alphanumeric characters
produces 218 trillion combinations. In addition, after three consecutive
entry failures, a power reset is required for password release.
I More secure eight-character password can be used
along with the previous four-character password.
I Program upload is easily prohibited by tool
software FPWIN.
GReading a program from the PLC main unit is virtually impossible.
GIn the upload-prohibited condition, program transfers to the master
memory are also prohibited.
GRelease of an upload-prohibited condition is possible with a forced
release accompanied by a program deletion.
GProgram updates are easily carried out by transferring the program in
the master memory to FP-X even during an upload-prohibited condition.
The transferred program in FP-X is setup with the same upload
prohibition and permission conditions used in the master memory.
Forced input/output
(Original program is required)
Ladder monitor
(Original program is required)
Rewrite during RUN mode
(Original program is required)
Program download from a PC
Data transfer from the master
memory
Change of data monitor/resistor value
Contact monitor
Time chart monitor
Password protection
Program upload to a PC
Data transfer to the master memory
Items possible
during an upload-
prohibited condition
Items impossible
during an upload-
prohibited condition
High versatility and rich functionality provides “peace of mind” and “flexibility”.
* USB port is equipped with C30 and C60.
PC
PC
I An expensive USB conversion adapter/cable is not necessary for connecting
a PC to the PLC by using a standard USB port.*
USB cable direct
connection
In the case of FP-X
The conventional RS232C port can also be used.
AFPX-C30/C60
USB
conversion cable
RS232C/422
conversion
adapter
Before
Previous Model
I The master memory makes a program transfer easy and a real-time clock is equipped also
FPWIN GR/Pro
FP-X
FP-X
Master memory
To the field
operation
Program
transfer
Program
transfer
Password used
➔ Password locked
Upload prohibited set
➔ Upload prohibited
Upload prohibited not set
➔ Upload permitted
GThe built-in 1 MB flash-ROM can store a 32-kstep program as well as the
comments and FPWIN Pro source file.
GProgram update in a remote location is easy by simply sending master
memory for local installation.
GAs the master memory stores the password information, password protection can be
applied for program transmission. Similarly, upload prohibition/permission can be setup.
GThe built-in real-time clock enables periodical repeated control and
periodical data logging.
I No need for program backup − easy maintenance
GThe programs and comments are stored in flash ROM, requiring no backup batteries.
GA backup battery is provided for data and real-time clock (AFPX-BATT)
One battery for C14, two for C30 and three for C60 can be attached. A two-
battery installation can operate for a long time (10 years or more) without
maintenance. (Real-time clock doesn't work without a battery.)
Backup battery
for FP-X
(AFPX-BATT)
Connector
Battery
holder
I FROM data storage
GFP-X can store a program, comments, a total of 55 words of data, and
bit setting values in a flash memory without a battery. All of the data
and bits can be stored by adding optional batteries, but writing into a
flash ROM is possible without a battery by using applied instructions
(F12, P13). Perfectly suited for data storage of the setup values and
recipes modified several times a day.
Flash-ROM
F12 ICRD K0, K1, DT0
During the first scan, read one block
(2048 words) from the starting address of
DT0 at block number 0.
P13 ICWD DT0, K1, K0
When R0 is turned on, write one block
(2048 words) starting from the address
DT0 at block number 0.
* The limitation in a flash ROM designates the number of rewrites to be 10,000, or the feasible number to be approx 30,000. However,
rewriting every second will generate a memory failure within a few hours.
Reading
Writing
Programming
Note: Product names and company names in this chart are trademarks or registered trademarks of the respective companies.
The ladder programming software for FP series
−− highly operational software tool for maximizing convenience
in the field.
Control FPWIN GR for Windows
1. Easy field operations not requiring the use of a mouse for data
entry, search, writing, monitoring and timer changes, all carried
out only from the keyboard.
2. Allows standard operations in Windows, such as Copy & Paste,
etc.
3. All FP series PLCs are supported. The software assets produced
by using Ver. 4 or Ver. 3 of NPST-GR are usable.
4. Easy programming with wizard functions.
5. Communication with OPC Server, CommX, GTWIN, PCWAY
simultaneously through the same port.
I Operational Environment
I Features
I Accompanying Tools
OS
Hard disk capacity
CPU
Onboard memory
Screen resolution
Display colors
Applicable PLC
Compatible FP-X
version
Windows95 (OSR2 or higher)/98/Me/
NT (Ver. 4.0 or later)/2000/XP
At least 40 MB
Pentium 100 MHz or higher
At least 64 MB (depends on OS)
At least 1024
× 768
High color (16-bit or higher)
FP-X/FP-e/FP0/FP
Σ/FP2/FP2SH
Relay output type: Ver.2.50 and after
Transistor output type: Ver.2.70 and after
Tool bar
Access often-used functions
using icons.
Data monitoring window
Relay monitoring window
Program status display
Search window
Allows you to search various data
Program display
Function bar
Bottons for command input
and confirmation, on-line/off-
line selection and PLC mode
selection.
Successive I/O comments can be
input for each device type. Data
from Excel and other applications
can be copied and pasted via the
clipboard.
Displays information concerning
PLC usage situation and settings,
and detailed information when an
error occurs.
Classified by type, function
instructions can be selected from
the displayed list.
(Simple help included.)
Function instruction list
Text Compiler
Text command input mode
Text command
input mode
I/O comment edit function
Status display
This software is for importing and
exporting programs created in text
format to and from FPWIN GR.
Programs created on the PLC of
another company can be edited as
text and then be transferred to the
FP Series without difficulty.
A ladder diagram is displayed
as a mnemonic code is entered
from the keyboard.
GData Editor
This software for the PC is for reading and writing data
stored in the memory of FP Series main unit or on an IC
card. If a large data table is required in a PLC, the data
can be created and edited on a PC and then dowmload
to the PLC.
GModem connection
Communication via modem is easy with FP Series units
in isolated locations.
GWizard function
A Wizard function included in FPWIN GR since versions
2.2 can automatically generate ladder programs by
simply entering and selecting required items in the
dedicated screen. It can be used to assist in positioning,
PID instruction input, and FP-e screen display
instruction input.
GPersonal preference settings
It is possible to switch among preference settings for
FPWIN GR, Data Editor and Text Compiler that are set
up for different individuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com