Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5551 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5551
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5551 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5551 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5551 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
186
CMPT5551
NPN SILICON TRANSISTOR
SOT-23 CASE
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPT5551 type is an NPN silicon transistor
manufactured bythe epitaxial planar process,
epoxy molded in a surface mount package,
designed
for
high
voltage
amplifier
applications.
Marking Code is 1FF.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100
oC
50
µ A
BVCBO
IC=100µA
180
V
BVCEO
IC=1.0mA
160
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.15
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.20
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.00
V
hFE
VCE=5.0V, IC=1.0mA
80
hFE
VCE=5.0V, IC=10mA
80
250
hFE
VCE=5.0V, IC=50mA
30
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF


Similar Part No. - CMPT5551

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5551E CENTRAL-CMPT5551E Datasheet
119Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551E CENTRAL-CMPT5551E_15 Datasheet
335Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC Datasheet
111Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT5551

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com