Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5551E Datasheet (PDF) - Central Semiconductor Corp

CMPT5551E Datasheet PDF - Central Semiconductor Corp
Part # CMPT5551E
Download  CMPT5551E Download
File Size   119.13 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR

CMPT5551E Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPT5551E Datasheet PDF - Central Semiconductor Corp

Part # CMPT5551E
Download  CMPT5551E Click to download

File Size   119.13 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR

CMPT5551E Datasheet (HTML) - Central Semiconductor Corp


CMPT5551E Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT5551E is an NPN Silicon Transistor, packaged in an SOT-23 case, designed for general purpose amplifier applications requiring high breakdown voltage and small space saving packaging.

MARKING CODE: C555

FEATURES:
• High Collector Breakdown Voltage 250V
• Low Leakage Current 50nA Max
• Low Saturation Voltage 100mV Max @ 50mA
• Complementary Device CMPT5401E
• SOT-23 Surface Mount Package

APPLICATIONS:
• General purpose switching and amplification
• Telephone applications




Similar Part No. - CMPT5551E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5551E CENTRAL-CMPT5551E_15 Datasheet
335Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Similar Description - CMPT5551E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT6427E CENTRAL-CMLT6427E Datasheet
65Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPTA14E CENTRAL-CMPTA14E Datasheet
140Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMUT5551E CENTRAL-CMUT5551E Datasheet
144Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE_10 Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMST6427E CENTRAL-CMST6427E_10 Datasheet
411Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com