Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5551E Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT5551E
Description  ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5551E Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT5551E Datasheet HTML 1Page - Central Semiconductor Corp CMPT5551E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-23 CASE - MECHANICAL OUTLINE
CMPT5551E
ENHANCED SPECIFICATION
SURFACE MOUNT
NPN SILICON TRANSISTOR
R0 (10-May 2006)
LEAD CODE:
1) BASE
2) EMITTER
3) COLLECTOR
MARKING CODE: C555
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=5.0V, IC=1.0mA
120
hFE
VCE=5.0V, IC=10mA
120
300
hFE
VCE=5.0V, IC=50mA
75
hFE
VCE=10V, IC=150mA
25
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
20
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
200
NF
VCE=5.0V, IC=200μA, RS=10Ω
f=10Hz to 15.7kHz
8.0
dB
♦
♦
♦
♦
♦ Enhanced Specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com