Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5551E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5551E
Description  ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5551E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5551E Datasheet HTML 1Page - Central Semiconductor Corp CMPT5551E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
250
V
Collector-Emitter Voltage
VCEO
220
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100°C
50
μA
IEBO
VEB=4.0V
50
nA
BVCBO
IC=100μμA
250
V
BVCEO
IC=1.0mA
220
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
75
mV
VCE(SAT)
IC=50mA, IB=5.0mA
100
mV
VBE(SAT)
IC=10mA, IB=1.0mA
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.00
V
♦
♦
♦
♦
♦
♦
CMPT5551E
ENHANCED SPECIFICATION
SURFACE MOUNT
NPN SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R0 (10-May 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT5551E
is an NPN Silicon Transistor, packaged in an
SOT-23 case, designed for general purpose
amplifier applications requiring high breakdown
voltage and small space saving packaging.
FEATURES:
• High Collector Breakdown Voltage 250V
• Low Leakage Current 50nA Max
• Low Saturation Voltage 100mV Max @ 50mA
• Complementary Device CMPT5401E
• SOT-23 Surface Mount Package
APPLICATIONS:
• General purpose switching and amplification
• Telephone applications
MARKING CODE: C555
♦ Enhanced Specification


Similar Part No. - CMPT5551E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5551E CENTRAL-CMPT5551E_15 Datasheet
335Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT5551E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT6427E CENTRAL-CMLT6427E Datasheet
65Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPTA14E CENTRAL-CMPTA14E Datasheet
140Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMUT5551E CENTRAL-CMUT5551E Datasheet
144Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE_10 Datasheet
336Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMST6427E CENTRAL-CMST6427E_10 Datasheet
411Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com