Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS12AP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS12AP
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS12AP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS12AP Datasheet HTML 1Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 2Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 3Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 4Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H
Series AS
Subminiature Slides
www.nkk.com
H7
(2.4)
.094
(2.4)
.094
(2.5)
.098
(2.4)
.094
(2.4)
.094
(3.8)
.150
(2.4)
.094
(2.4)
.094
ACTUATORS
Use of a support bracket is recommended to increase PCB mounting strength and stability.
TYPICAL SWITCH DIMENSIONS
Single Pole
Straight PC
Actuator shown in LEFT position
Single throw models do not have terminal 2.
AS12AP
Flush
Actuator Color: Gray standard; contact factory for other colors.
A
B
C
Straight
Straight
with Bracket
P
B
Right Angle
with Bracket
H
Vertical
with Bracket
V
(2.54) Typ
.100
(0.6) Dia Typ
.024
(5.08) Typ
.200
(0.8)
.031
(8.8)
.346
(9.0)
.354
(5.08)
.200
(5.08)
.200
(10.16)
.400
(9.0)
.354
(8.8)
.346
(2.54) Typ
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(8.8)
.346
(0.6) Dia Typ
.024
(0.5) Typ
.020
(9.0)
.354
(2.54) Typ
.100
(2.54) Typ
.100
(5.08)
.200
(0.6) Dia Typ
.024
(8.8)
.346
(0.5)
.020
(0.7)
.028
(0.3)
.012
Double Pole
Straight PC
Actuator shown in LEFT position
AS12AB
.150” (3.8mm) Long
.098” (2.5mm) Long
Actuator shown in LEFT position
AS22AP
Single Pole
Straight PC • Bracket
(9.1)
.358
(2.06)
.081
(2.54) Typ
.100
(2.5) Travel
.098
(0.6) Dia Typ
.024
(2.5)
.098
(3.1)
.122
(0.8)
.031
P/N This Side
(9.8)
.386
3
2
1
(1.0)
.039
CL
(2.4) Sq
.094
(0.4) Typ
.016
(0.3)
.012
(5.38)
.212
(9.8)
.386
(5.08)
.200
1
2
3
4
5
6
(9.1)
.358
(2.06)
.081
(2.54) Typ
.100
(2.5) Travel
.098
(0.6) Dia Typ
.024
(2.5)
.098
(3.1)
.122
(0.8)
.031
P/N This Side
(9.2)
.362
(0.4)
.016
(0.4) Typ
.016
(2.4) Sq
.094
(9.8)
.386
1
2
3
(0.7) Typ
.028
(1.0)
.039
(2.54)
.100
CL
(10.16)
.400
(9.1)
.358
(2.06)
.081
(0.3) Typ
.012
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(0.8)
.031
(2.5)
.098
(2.5) Travel
.098
P/N This Side
(0.3)
.012
(5.7)
.224
(2.4) Sq
.094
(2.54) Typ
.100
3
1
2
(0.8) Dia Typ
.031
(1.0)
.039
CL
(0.8) Dia Typ
.031
6
4
52
3
1
(2.54) Typ
.100
(5.08)
.200
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
PC TERMINALS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com