Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS12AP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS12AP
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS12AP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS12AP Datasheet HTML 1Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 2Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 3Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 4Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H
Series AS
Subminiature Slides
www.nkk.com
H4
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
2.55N
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel: .082” (2.1mm); Overtravel: .016” (0.4mm); Total Travel: .098” (2.5mm)
Materials & Finishes
Actuator:
Glass fiber reinforced polyamide
Upper Case Housing:
Carbon blended polyacetal (antistatic)
Lower Case Housing:
Glass fiber reinforced polyamide
Support Bracket:
Tin plated phosphor bronze
Movable Contact:
Phosphor bronze with gold plating
Stationary Contacts:
Brass with gold plating
Terminals:
Brass with gold plating
Environmental Data
Operating Temperature Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 192 hours @ 40°C (104°F)
Vibration:
10 ~ 60Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 5 minutes; 3 right angled directions for 30 minutes
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering Recommended. See Profile A in Supplement section.
Manual Soldering: for single pole see Profile B in Supplement section; for double pole see Profile A.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
The A Series slides have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.
General Specifications


Similar Part No. - AS12AP

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AS12AP NKK-AS12AP Datasheet
198Kb / 5P
Subminiature Slides
logo
List of Unclassifed Man...
AS12AP ETC-AS12AP Datasheet
174Kb / 5P
General Specifications
More results

Similar Description - AS12AP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com