Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S40 Datasheet HTML 12Page - STMicroelectronics ST1S40 Datasheet HTML 13Page - STMicroelectronics ST1S40 Datasheet HTML 14Page - STMicroelectronics ST1S40 Datasheet HTML 15Page - STMicroelectronics ST1S40 Datasheet HTML 16Page - STMicroelectronics ST1S40 Datasheet HTML 17Page - STMicroelectronics ST1S40 Datasheet HTML 18Page - STMicroelectronics ST1S40 Datasheet HTML 19Page - STMicroelectronics ST1S40 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application information
ST1S40
16/29
DocID17928 Rev 5
In Table 7 below some inductor part numbers are listed.
6.3
Output capacitor selection
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge or discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 21
For ceramic (MLCC) capacitors the capacitive component of the ripple dominates the
resistive one. Whilst for electrolytic capacitors the opposite is true.
Since the compensation network is internal, the output capacitor should be selected in order
to have a proper phase margin and then a stable control loop.
The equations of Section 5.2 help to check loop stability given the application conditions,
the value of the inductor, and of the output capacitor.
In Table 8 some capacitor series are listed.
Table 7. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
XPL7030
2.2 to 4.7
6.8 to 10.5
MSS1048
2.2 to 6.8
4.14 to 6.62
MSS1260
10
5.5
Wurth
WE-HC/HCA
3.3 to 4.7
7 to 11
WE-TPC typ XLH
3.6 to 6.2
4.5 to 6.4
WE-PD type L
10
5.6
TDK
RLF7030T
2.2 to 4.7
4 to 6
Table 8. Output capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
ESR (m
)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
V
OUT
ESR
I
MAX
I
MAX
8COUT fSW

-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com