Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST1S40 Datasheet HTML 21Page - STMicroelectronics ST1S40 Datasheet HTML 22Page - STMicroelectronics ST1S40 Datasheet HTML 23Page - STMicroelectronics ST1S40 Datasheet HTML 24Page - STMicroelectronics ST1S40 Datasheet HTML 25Page - STMicroelectronics ST1S40 Datasheet HTML 26Page - STMicroelectronics ST1S40 Datasheet HTML 27Page - STMicroelectronics ST1S40 Datasheet HTML 28Page - STMicroelectronics ST1S40 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Order codes
ST1S40
28/29
DocID17928 Rev 5
10
Order codes
11
Revision history
Table 13. Ordering information
Order codes
Package
Function
ST1S40IPUR
VFQFPN 4 x 4 8L
Enable
ST1S40IPHR
HSOP-8
ST1S40IDR
SO8-BW
Table 14. Document revision history
Date
Revision
Changes
15-Dec-2010
1
First release
04-Mar-2011
2
Updated: Table 1, Table 2, Table 3 and Table 13.
20-Dec-2011
3
Updated cover page: Table 1, Table 2, Section 5
Added Section 6, Section 7 and Section 8
01-Mar-2012
4
HSOP8 mechanical data and package dimensions have been
updated.
10-Oct-2013
5
Updated Table 2 - added value “-2 V to -1 V for 50 nsec” for
parameter VSW.
Reformatted Section 9: Package information - reversed order of
Figure 19 and Table 10, Figure 20 and Table 11, Figure 21 and
Table 12.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com