Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBB2
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBB2 Datasheet HTML 3Page - STMicroelectronics STBB2 Datasheet HTML 4Page - STMicroelectronics STBB2 Datasheet HTML 5Page - STMicroelectronics STBB2 Datasheet HTML 6Page - STMicroelectronics STBB2 Datasheet HTML 7Page - STMicroelectronics STBB2 Datasheet HTML 8Page - STMicroelectronics STBB2 Datasheet HTML 9Page - STMicroelectronics STBB2 Datasheet HTML 10Page - STMicroelectronics STBB2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID022745 Rev 9
7/25
STBB2
Pin configuration
BP
B4
Bypass mode selection. When EN is high, connecting this pin to a voltage higher than 1.2
V, the device works in bypass mode. A voltage lower than 0.4 V is required to disable
bypass mode. In bypass mode VIN is shorted to VOUT through internal switches. Do not
leave this pin floating.
VSEL
D4
Selection of output voltage for fixed versions (0 VOUT = 2.9 V / 1 VOUT = 3.4 V),
(0 VOUT = 3.0 V / 1 VOUT = 3.3 V).
This feature is not present in the adjustable version where the VSEL pin must be
connected to VINA. Do not leave this pin floating.
Table 5. Pin description (continued)
Pin name
Pin n°
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com