Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBB2
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBB2 Datasheet HTML 17Page - STMicroelectronics STBB2 Datasheet HTML 18Page - STMicroelectronics STBB2 Datasheet HTML 19Page - STMicroelectronics STBB2 Datasheet HTML 20Page - STMicroelectronics STBB2 Datasheet HTML 21Page - STMicroelectronics STBB2 Datasheet HTML 22Page - STMicroelectronics STBB2 Datasheet HTML 23Page - STMicroelectronics STBB2 Datasheet HTML 24Page - STMicroelectronics STBB2 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID022745 Rev 9
21/25
STBB2
Application information
Figure 22. Bottom layer
8.6
Thermal consideration
To enhance the thermal performance, the power dissipation capability of the PCB design
can be improved by traces as wider as possible. The maximum recommended junction
temperature (TJ) of the devices is 125 °C. The junction ambient thermal resistance of this
20-pin Flip Chip package is 80 °C/W, if all pins are soldered.
To the maximum ambient temperature TA = 85 °C the maximum power dissipated inside the
package is given by:
Equation 6
PDISS_MAX = (TJMAX - TAMAX) / RJA = (125 - 85) / 80 = 500 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com