Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 71 Page - Tyco Electronics

Part # 641237
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

641237 Datasheet(HTML) 71 Page - Tyco Electronics

Back Button 641237 Datasheet HTML 67Page - Tyco Electronics 641237 Datasheet HTML 68Page - Tyco Electronics 641237 Datasheet HTML 69Page - Tyco Electronics 641237 Datasheet HTML 70Page - Tyco Electronics 641237 Datasheet HTML 71Page - Tyco Electronics 641237 Datasheet HTML 72Page - Tyco Electronics 641237 Datasheet HTML 73Page - Tyco Electronics 641237 Datasheet HTML 74Page - Tyco Electronics 641237 Datasheet HTML 75Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Product Facts
I
Compatible with a variety
of Insulation Displacement
Connectors
I
Available on .025 [0.63],
.0394 [1.00], .050 [1.27],
.100 [2.54] and .156 [3.96]
centerline
I
Color code edge mark on
conductor #1
I
Gray flame retardant
flexible PVC insulation
I
Insulation rated for
temperature of
-20°C to +105°C
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E53793
R
Tyco Electronics Corporation
has an expanding array of
MADISON CABLE planar
PVC insulated product
designed for compatibility
with a variety of Insulation
Displacement Connectors.
AMP IDC terminations offer
a quick, reliable, cost-effec-
tive cabling system which
can be automated.
The .100 [2.54] centerline
cable is available in 28 to
22 AWG, either as tinned or
as overcoated tinned wire,
in 2 to 28 conductors.
The .156 [3.96] centerline
is available in 22 AWG and
18 AWG, either as tinned
or overcoated tinned, in
2 to 24 conductors.
IDC Ribbon Cable is
produced to tighter stan-
dards than usually required
for high yield insulation
displacement terminations.
The extra precision offers
uncomplicated operation in
fully automatic stripping,
notching and termination
equipment.
71
.050 [1.27] Centerline, IDC Ribbon Cable
Product Specifications
Voltage Rating — 30 VAC
Component Recognized by UL to
US and Canadian Standards —
AWM Style 2651
Sizes —
26 AWG, 7/34 Tinned copper, PVC
insulation (9 – 64 conductors), 500-ft
reels (Base AMP Part Number 57034)
28 AWG, 7/36 Tinned copper, PVC
insulation (9 – 64 conductors), 100-ft
reels (Base AMP Part Number 57040)
and 500-ft reels (Base AMP Part
Number 971111)
30 AWG, Other conductor counts avail-
able on request. For ordering informa-
tion, call Toll-Free: 1-877-623-4766 or
visit: http://www.madisoncable.com/
fsproducts.htm
IDC Ribbon Cable
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com