Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 52 Page - Tyco Electronics

Part # 641237
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

641237 Datasheet(HTML) 52 Page - Tyco Electronics

Back Button 641237 Datasheet HTML 48Page - Tyco Electronics 641237 Datasheet HTML 49Page - Tyco Electronics 641237 Datasheet HTML 50Page - Tyco Electronics 641237 Datasheet HTML 51Page - Tyco Electronics 641237 Datasheet HTML 52Page - Tyco Electronics 641237 Datasheet HTML 53Page - Tyco Electronics 641237 Datasheet HTML 54Page - Tyco Electronics 641237 Datasheet HTML 55Page - Tyco Electronics 641237 Datasheet HTML 56Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
52
Material and Finish
Housing — UL94V-0 rated, nylon, black
Posts — Copper alloy, tin plated,
.000015 [0.00038] gold over nickel
Temperature— Maximum
Temperature Rating: 280°C
Notes:
1. Post(s) can be omitted for keying pur-
poses. Specify the desired post(s) to
be omitted using the figure to identify
Post No. 1.
2. Gold headers are duplex plated, gold
on mating end of post and tin-lead on
the solder tail.
3. Headers with straight and right-angle
square posts are available upon
request. Minimums may apply.
4. To determine header overall length
(Dim. A), multiply .156 x the number of
posts. Example: .156 x 10 posts equals
1.560 inches [39.62 mm].
For mateability options, see
matrix on pages 34, 35, 54
and 58.
For mating half visuals, use
connectors with a locking ramp
for polarization/retention pur-
poses, see pages 36 thru 39,
55, 60 and 62.
For polarizing purposes only
use connectors without a lock-
ing ramp. See pages 36 thru
39, 60 and 62.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with round tin plated posts:
Base number 647648 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647648-0
The part numbers in bold
face are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647648–2
12
4-647648-2
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Recommended Mounting Hole Pattern
for .062 [1.57] Thick PC Board
Base Part Numbers
Round Post
Header
RoHS
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647648
32–42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647649
32–42
For use with Infrared Reflow Process
.650 ± .010
[16.51 ± 0.25]
Solder Paste Area
.057 ± .003
[1.45 ± 0.08]
Pretinned Plated
Thru Hole Typ.
.100
[2.54]
Pretinned Land
(Both Sides) Typ.
.008
[0.20]
Min. Thick Solder Paste
in Area Shown
.120
Typ.
[3.05]
.156
Typ.
[3.96]
.070
Typ.
[1.78]
Position No. 1
.120
Typ.
[3.05]
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
Ø .045
± .001
[1.14
± 0.03]
.076
± .003
[1.93
± 0.08]
2 Plcs.
.210
[5.33]
.450
[11.43]
.125
[3.18]
Mating
End
Solder tail
Post No. 1
A
Ref.
.156
[3.96]
Typ.
.425
[10.80]
.335
[8.51]
.700
± .010
[1
7.78
±0.25 ]
.125
± .010
[3.18
±0.25 ]
Ref.
Ref.
Typ.
+ .005
– .010
+0.13
–0.25
.073
[1.85
]
.545
± .010
[13.84
±0.25 ]
Typ.
MTA-156 Friction Lock High Temperature Headers—Straight
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com