Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 4 Page - Motorola, Inc

Part # TIP50
Description  POWER TRANSISTORS NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP50 Datasheet(HTML) 4 Page - Motorola, Inc

  TIP50 Datasheet HTML 1Page - Motorola, Inc TIP50 Datasheet HTML 2Page - Motorola, Inc TIP50 Datasheet HTML 3Page - Motorola, Inc TIP50 Datasheet HTML 4Page - Motorola, Inc TIP50 Datasheet HTML 5Page - Motorola, Inc TIP50 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP47 TIP49 TIP48 TIP50
4
Motorola Bipolar Power Transistor Device Data
Figure 8. Inductive Load Switching
Note A: Input pulse width is increased until ICM = 0.63 A.
INPUT
50
MJE171
RBB1 =
150
Ω
100 mH
RBB2 =
100
Ω
VBB2 =
0
VBB1 = 10 V
VCE MONITOR
TUT
VCC = 20 V
IC MONITOR
RS =
0.1
Ω
50
0.63 A
0 V
– 5 V
tw ≈ 3 ms
(SEE NOTE A)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCER
0 V
10 V
100 ms
VCE(sat)
IC, COLLECTOR CURRENT (AMPS)
Figure 9. DC Current Gain
100
200
0.04 0.06
0.2
2.0
0.02
60
40
20
10
6.0
4.0
0.1
Figure 10. “On” Voltages
VCE = 10 V
2.0
0.6
1.0
0.4
25
°C
TJ = 150°C
– 55
°C
1.4
0.02
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
0.4
1.2
0.6
0.2
0
0.04 0.06
0.1
0.2
0.4 0.6
1.0
2.0
VBE(sat) @ IC/IB = 5.0 V
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com