Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 2 Page - Motorola, Inc

Part # TIP50
Description  POWER TRANSISTORS NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP50 Datasheet(HTML) 2 Page - Motorola, Inc

  TIP50 Datasheet HTML 1Page - Motorola, Inc TIP50 Datasheet HTML 2Page - Motorola, Inc TIP50 Datasheet HTML 3Page - Motorola, Inc TIP50 Datasheet HTML 4Page - Motorola, Inc TIP50 Datasheet HTML 5Page - Motorola, Inc TIP50 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP47 TIP49 TIP48 TIP50
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
TIP47
(IC = 30 mAdc, IB = 0)
TIP48
TIP49
TIP50
VCEO(sus)
250
300
350
400
—
—
—
—
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
TIP47
(VCE = 200 Vdc, IB = 0)
TIP48
(VCE = 250 Vdc, IB = 0)
TIP49
(VCE = 300 Vdc, IB = 0)
TIP50
ICEO
—
—
—
—
1.0
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
TIP47
(VCE = 400 Vdc, VBE = 0)
TIP48
(VCE = 450 Vdc, VBE = 0)
TIP49
(VCE = 500 Vdc, VBE = 0)
TIP50
ICES
—
—
—
—
1.0
1.0
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
—
1.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1.0 Adc, VCE = 10 Vdc)
hFE
30
10
150
—
—
Collector–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.2 Adc)
VCE(sat)
—
1.0
Vdc
Base–Emitter On Voltage
(IC = 1.0 Adc, VCE = 10 Vdc)
VBE(on)
—
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 0.1 Adc, VCE = 10 Vdc, f = 2.0 MHz)
fT
10
—
MHz
Small–Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
—
—
(1) Pulse Test: Pulse width
v 300 µs, Duty Cycle v 2.0%.
TURN–ON PULSE
APPROX
+11 V
Vin 0
VEB(off)
t1
APPROX
+11 V
Vin
t2
TURN–OFF PULSE
t3
t1 ≤ 7.0 ns
100 < t2 < 500 µs
t3 < 15 ns
DUTY CYCLE
≈ 2.0%
APPROX – 9.0 V
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
SCOPE
RC
RB
VCC
Vin
Cjd << Ceb
– 4.0 V
Figure 2. Switching Time Equivalent Circuit
0.02
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMPS)
0.01
0.1
2.0
1.0
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
0.5
0.2
0.1
0.05
0.05
0.5
0.02
1.0
tr
0.2
td



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com