Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3100SC Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # P3100SC
Description  SIDACtor Protection Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P3100SC Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  P3100SC Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
continued
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P2300SB
P23B
190
260
150
800
2.2
4
50
P2600SB
P26B
220
300
150
800
2.2
4
45
P3100SB
P31B
275
350
150
800
2.2
4
45
P3500SB
P35B
320
400
150
800
2.2
4
40
P0080SC
P008C
6
25
50
800
2.2
4
75
P0300SC
P03C
25
40
50
800
2.2
4
75
P0640SC
P06C
58
77
150
800
2.2
4
55
P0720SC
P07C
65
88
150
800
2.2
4
60
P0900SC
P09C
75
98
150
800
2.2
4
65
P1100SC
P11C
90
130
150
800
2.2
4
55
P1300SC
P13C
120
160
150
800
2.2
4
60
P1500SC
P15C
140
180
150
800
2.2
4
50
P1800SC
P18C
170
220
150
800
2.2
4
55
P2100SC
P21C
180
240
150
800
2.2
4
85
P2300SC
P23C
190
260
150
800
2.2
4
65
P2600SC
P26C
220
300
150
800
2.2
4
65
P3100SC
P31C
275
350
150
800
2.2
4
55
P3500SC
P35C
320
400
150
800
2.2
4
50
P4500SC
P45C
400
540
150
800
2.2
4
45
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
3
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com