Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3100SC Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P3100SC
Description  SIDACtor Protection Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P3100SC Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P3100SC Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P3100SC Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P0080SA
P008A
6
25
50
800
2.2
4
45
P0300SA
P03A
25
40
50
800
2.2
4
45
P0640SA
P06A
58
77
150
800
2.2
4
35
P0720SA
P07A
65
88
150
800
2.2
4
50
P0900SA
P09A
75
98
150
800
2.2
4
40
P1100SA
P11A
90
130
150
800
2.2
4
35
P1300SA
P13A
120
160
150
800
2.2
4
35
P1500SA
P15A
140
180
150
800
2.2
4
40
P1800SA
P18A
170
220
150
800
2.2
4
40
P2100SA
P21A
180
240
150
800
2.2
4
40
P2300SA
P23A
190
260
150
800
2.2
4
45
P2600SA
P26A
220
300
150
800
2.2
4
35
P3100SA
P31A
275
350
150
800
2.2
4
35
P3500SA
P35A
320
400
150
800
2.2
4
30
P0080SB
P008B
6
25
50
800
2.2
4
60
P0300SB
P03B
25
40
50
800
2.2
4
65
P0640SB
P06B
58
77
150
800
2.2
4
45
P0720SB
P07B
65
88
150
800
2.2
4
45
P0900SB
P09B
75
98
150
800
2.2
4
40
P1100SB
P11B
90
130
150
800
2.2
4
40
P1300SB
P13B
120
160
150
800
2.2
4
40
P1500SB
P15B
140
180
150
800
2.2
4
35
P1800SB
P18B
170
220
150
800
2.2
4
65
P2100SB
P21B
180
240
150
800
2.2
4
60
2
Table continues on next page
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com