Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78G13 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 18Page - Renesas Technology Corp RL78G13 Datasheet HTML 19Page - Renesas Technology Corp RL78G13 Datasheet HTML 20Page - Renesas Technology Corp RL78G13 Datasheet HTML 21Page - Renesas Technology Corp RL78G13 Datasheet HTML 22Page - Renesas Technology Corp RL78G13 Datasheet HTML 23Page - Renesas Technology Corp RL78G13 Datasheet HTML 24Page - Renesas Technology Corp RL78G13 Datasheet HTML 25Page - Renesas Technology Corp RL78G13 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 22 of 43
2014.03.24
Symbol: SCR00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TXE
00
RXE
00
DAP
00
CKP
00
0
EOC
00
PTC
001
PTC
000
DIR
00
0
SLC
001
SLC
000
0
1
DLS
001
DLS
000
1
0
0
0
0
0
1
0
1
0
0
1
0
1
1
1
Bits 15 and 14
TXE00 RXE00
Channel 0 operation mode setting
0
0
Communication prohibited
0
1
Reception Only
1
0
Transmission only
1
1
Both transmission and reception
Bit 10
EOC00
Error interrupt signal (INTSREx (x = 0, 1)) mask availability selection
0
Error interrupt INTSREx is masked
1
Generation of error interrupt INTSREx is enabled
Bits 9 and 8
PTC001 PTC000
Parity bit setting in UART mode
Transmission
Reception
0
0
No parity bit is output
Data is received without parity
0
1
0 parity is output
No parity check is made
1
0
Even parity is output
Check is made for even parity
1
1
Odd parity is output
Check is made for odd parity
Bit 7
DIR00
Selection of data transfer order in CSI and UART modes
0
Input and output in MSB first
1
Input and output in LSB first
Bits 5 and 4
SLC001 SLC000
Stop bit setting in UART mode
0
0
No stop bit
0
1
Stop bit length = 1 bit
1
0
Stop bit length = 2 bits
1
1
Setting prohibited
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.
 Serial communication operation setting register 00 (SCR00)
Data length setting, data transfer order, error interrupt signal mask availability, and operation mode
Transmission channel communication operation setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com