Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78G13 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RL78G13 Datasheet HTML 1Page - Renesas Technology Corp RL78G13 Datasheet HTML 2Page - Renesas Technology Corp RL78G13 Datasheet HTML 3Page - Renesas Technology Corp RL78G13 Datasheet HTML 4Page - Renesas Technology Corp RL78G13 Datasheet HTML 5Page - Renesas Technology Corp RL78G13 Datasheet HTML 6Page - Renesas Technology Corp RL78G13 Datasheet HTML 7Page - Renesas Technology Corp RL78G13 Datasheet HTML 8Page - Renesas Technology Corp RL78G13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 3 of 43
2014.03.24
1.
Specifications
In this application note, UART communication is performed through the serial array unit (SAU). ASCII characters
transmitted from the device on the opposite side are analyzed to make responses.
Table 1.1 shows the peripheral function to be used and its use. Figures 1.1 and 1.2 illustrate UART communication
operation.
Table 1.1
Peripheral Function to be Used and its Use
Peripheral Function
Use
Serial array unit 0
Perform UART communication using the TxD0 pin
(transmission) and the RxD0 pin (reception).
Figure 1.1
UART Reception Timing Chart
ST
Permit operation of UART
Receive data
P
SP
Reception & shift operation
Receive data
Permit start of UART communication
Shift register 01
Reception completed
SAUEN
RxD0 pin
INTSR0
TSF01
SS01
SE01
SDR01
ST: Start bit
P: Parity bit
SP: Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com