Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78T08AAL-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78T08AAL-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T08AAL-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78T08AAL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
78TXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R101-044.A
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Input voltage
VOUT=5~18V
VIN
35
V
VOUT=24V
40
V
Output Current
IOUT
1.5
A
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature
TOPR
-20 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
65
°C/W
Junction to Case
θJC
5
°C/W
ELECTRICAL CHARACTERISTICS
(IOUT=0.5A, TJ= 0°C~125°C, CI =0.33μF, CO=0.1μF, unless otherwise specified)(Note 1)
For UTC 78T05AA
(VIN =10V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
4.80
5.0
5.20
V
VIN =7.5V ~ 20V,
IOUT=5mA ~ 1.0A,PD≤15W
4.75
5.25
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =7V ~ 25V, TJ =25°C
50
mV
VIN =7.5V ~ 20V, TJ =25°C, IOUT=1.0A
50
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =7.5V ~ 20V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-0.6
mV/°C
Ripple Rejection
RR
VIN =8V ~ 18V,f=120Hz, TJ =25°C
62
80
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC 78T06AA
(VIN =11V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
5.76
6.0
6.24
V
VIN =8.5V ~ 21V,
IOUT=5mA ~ 1.0A, PD≤15W
5.70
6.30
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A~ 0.75A
50
mV
Line regulation
VOUT
VIN =8V ~ 25V, TJ =25°C
60
mV
VIN =8.5V ~ 21V, TJ =25°C,IOUT=1.0A
60
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =8.5V ~ 21V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
45
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-0.7
mV/°C
Ripple Rejection
RR
VIN =9V ~ 19V,f=120Hz, TJ =25°C
59
75
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com