Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78T08AAL-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78T08AAL-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T08AAL-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 78T08AAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 9Page - Unisonic Technologies 78T08AAL-TQ2-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
78TXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R101-044.A
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC 78T09AA
(VIN =15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
8.64
9.0
9.36
V
VIN =11.5V ~ 24V,
IOUT=5mA ~ 1.0A,PD≤15W
8.55
9.45
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =11.5V ~ 25 V, TJ =25°C
90
mV
VIN =11.5V ~ 24V, TJ =25°C, IOUT=1.0A
90
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =11.5V ~ 24V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-1.1
mV/°C
Ripple Rejection
RR
VIN =12.5V ~ 22.5V,f=120Hz, TJ =25°C
56
72
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC 78T10AA
(VIN =16V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
9.60
10.0
10.40
V
VIN =12.5V ~ 25V,
IOUT=5mA ~ 1.0A,PD≤15W
9.50
10.50
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA - 1.5A
100
mV
TJ =25°C,IOUT=0.25A - 0.75A
50
mV
Line regulation
VOUT
VIN =13V ~ 25V, TJ =25°C
100
mV
VIN =13V ~ 25V, TJ =25°C,IOUT=1.0A
100
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =12.6V ~ 25V
1.0
mA
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of Vo
Vo/T
IOUT=5mA
-1.1
mV/°C
Ripple Rejection
RR
VIN =13V - 23V,f=120Hz, TJ =25°C
56
72
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com