Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79D06AL-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 79D06AL-TN3-R
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79D06AL-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  79D06AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 8Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
79DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-039.D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Drift
VOUT/TIOUT=5mA
-0.5
mV/
C
Ripple Rejection
RR
VIN=-9V~-19V, f=120Hz
54
60
dB
Peak Current
IPEAK
TJ=25C
2.2
A
For UTC 79D08A
(VIN=-14V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C -7.68
-8.0
-8.32
V
VIN=-10.5V~-23V,
IOUT=5mA~1A, PD≦15W
-7.60
-8.40
V
Dropout Voltage
VD
IOUT=1A
TJ=25C
2
V
Line Regulation
VOUT
VIN=-10.5V~-25V
TJ=25C
10
160
mV
VIN=-11.5V~-17V
TJ=25C
5
80
mV
Load Regulation
VOUT
IOUT=5mA~1A
TJ=25C
12
160
mV
IOUT=250mA~750mA
TJ=25C
4
80
mV
Quiescent Current
IQ
TJ=25C
3
6
mA
Quiescent Current Change
IQ
IOUT=5mA~1A
0.05
0.5
mA
VIN=-11.5V~-25V
0.1
1.0
mA
Output Noise Voltage
eN
f=10Hz~100kHz
TA=25C
175
V
Output Voltage Drift
VOUT/TIOUT=5mA
-0.6
mV/
C
Ripple Rejection
RR
VIN=-11.5V~-21.5V, f=120Hz
54
60
dB
Peak Current
IPEAK
TJ=25C
2.2
A
For UTC 79D09A
(VIN=-15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C -8.64
-9.0
-9.36
V
VIN=-11.5V~-23V,
IOUT=5mA~1A, PD≦15W
-8.55
-9.45
V
Dropout Voltage
VD
IOUT=1A
TJ=25C
2.0
V
Line Regulation
VOUT
VIN=-11.5V~-26V
TJ=25C
10
180
mV
VIN=-12V~-18V
TJ=25C
5
90
mV
Load Regulation
VOUT
IOUT=5mA~1A
TJ=25C
12
180
mV
IOUT=250mA~750mA
TJ=25C
4
90
mV
Quiescent Current
IQ
TJ=25C
3
6
mA
Quiescent Current Change
IQ
IOUT=5mA~1A
0.05
0.5
mA
VIN=-11.5V~-26V
0.1
1.0
mA
Output Noise Voltage
eN
f=10Hz~100kHz
Ta=25C
175
V
Output Voltage Drift
VOUT/TIOUT=5mA
-0.6
mV/
C
Ripple Rejection
RR
VIN=-12.5V~-22.5V, f=120Hz
54
60
dB
Peak Current
IPEAK
TJ=25C
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com