Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79D06AL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 79D06AL-TN3-R
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79D06AL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  79D06AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 8Page - Unisonic Technologies 79D06AL-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
79DXXA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R101.039.D
3 TERMINAL 1A NEGATIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 79DXXA series of three-terminal negative regulators
is available several fixed output voltage, making them useful in a
wide range of application. Each type employs internal current
limiting, thermal shut-down, making it essentially indestructible.
FEATURES
* Output current up to 1A
*-5V, -6V, -8V, -9V,-12V, -15V, -18V, -24V output voltage available
* Thermal overload protection
NORDERING INFORMATIO
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
79DXXAL-TM3-T
79DXXAG-TM3-T
TO-251
G
I
O
Tube
79DXXAL-TN3-T
79DXXAG-TN3-T
TO-252
G
I
O
Tube
79DXXAL-TN3-R
79DXXAG-TN3-R
TO-252
G
I
O
Tape Reel
Note: Pin Assignment : G: GND
I: Input
O: Output


Similar Part No. - 79D06AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79D06AL-TN3-R UTC-79D06AL-TN3-R Datasheet
220Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79D06AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
3-Terminal 1A Negative Voltage Regulator
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
3-Terminal 1A Negative Voltage Regulator
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com