Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNRLA024AE Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # TNRLA024AE
Description  MPU/MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNRLA024AE Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button TNRLA024AE Datasheet HTML 9Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 10Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 11Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 12Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 13Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 14Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 15Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 16Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
RENESAS TECHNICAL UPDATE
TN-RL*-A024A/E
Date: Apr. 9, 2014
Page 13 of 37
4.
Figure 7-75.
Format of Forced Output Stop Function Control Register 2p (TKBPACTL2p)
Incorrect descriptions of forced output stop function control register 2p (TKBPACTL2p) are revised, and Note is added.
Incorrect:
Figure 7-75.
Format of Forced Output Stop Function Control Register 2p (TKBPACTL2p) (1/2)
Address: F06B0H (TKBPACTL20) , F06B2H (TKBPACTL21)
After reset: 0000H
R/W
gSymbol
15
14
13
12
11
10
9
8
TKBPACTL2p TKBPAFXS2p3 TKBPAFXS2p2 TKBPAFXS2p1 TKBPAFXS2p0
0
0
0
TKBPAFCM2p
7
6
5
4
3
2
1
0
0
TKBPAHZS2p2 TKBPAHZS2p1 TKBPAHZS2p0 TKBPAHCM2p1 TKBPAHCM2p0 TKBPAMD2p1 TKBPAMD2p0
TKBPAFXS2p3
External interruption trigger selection for forced output stop function 2
0
INTP20 can not be used as a trigger.
1
INTP20 can be used as a trigger.
TKBPAFXS2p2
Comparator trigger selection for forced output stop function 2
0
Comparator 5 can not be used as a trigger.
1
Comparator 5 can be used as a trigger.
TKBPAFXS2p1
Comparator trigger selection for forced output stop function 2
0
Comparator 3 can not be used as a trigger.
1
Comparator 3 can be used as a trigger.
TKBPAFXS2p0
Comparator trigger selection for forced output stop function 2
0
Comparator 0 can not be used as a trigger.
1
Comparator 0 can be used as a trigger.
TKBPAFCM2p
Operation mode selection for forced output stop function 2
0
Forced output stop function 2 starts with trigger input, and forced output stop function 2 is
cleared at the next counter period.
1
Forced output stop function 2 starts with trigger input, and forced output stop function 2 is
cleared at the next counter period following detection of the reverse edge of the trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com