Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNRLA024AE Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # TNRLA024AE
Description  MPU/MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNRLA024AE Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button TNRLA024AE Datasheet HTML 17Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 18Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 19Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 20Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 21Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 22Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 23Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 24Page - Renesas Technology Corp TNRLA024AE Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
RENESAS TECHNICAL UPDATE
TN-RL*-A024A/E
Date: Apr. 9, 2014
Page 21 of 37
7.
14. 5
Caution for Using Timer KB Simultaneous Operation Function
As respects of INTP2m and comparator, Caution for Using Timer KB Simultaneous Operation Function is added.
Incorrect:
No applicable item
Correct:
14. 5
Caution for Using Timer KB Simultaneous Operation Function
In addition to their use as an external interrupt input, the INTP2m pin output and the comparator output signal can be used as
a trigger for functions that operate simultaneously with timer KB, such as the forced output stop function and timer restart
function. The settings in peripheral function switch register 0 (PFSEL0) and the edge selection registers must be specified
according to the function used. The width of the active signal required until each function starts operating differs.
When using INTP2m or the comparator output signal, refer to Tables 14-4 to 14-6 to specify the necessary register settings,
and configure external circuits so that the required active signal width is assured.
Table 14-4. Relationship of INTP2m function, register settings, and active signal width
Function
Peripheral enable
register setting
Edge setting
registers
Necessary active signal width to operate each function
Interrupt
Forced output stop
Timer restart
External interrupt
(STOP release is
enabled)
TMRSTENm = 0
EGPn, EGNn
To 1 s
-
-
Forced output stop
Note 1
TMRSTENm = 1
CEGPp, CEGNp
Note 2
55 to 215 ns Note 3 +
2 to 3 clocks Note 4
55 to 215 ns
Note 3, 5
-
Timer restart
TMRSTENm = 1
CEGPp, CEGNp
55 to 215 ns Note 3 +
2 to 3 clocks Note 4
-
55 to 215 ns Note 3 +
2 to 3 clocks Note 4, 6
Figure 14-18.
Generation Timing of Forced Output Stop Signal and Timer Restart Request Signal by INTP2m
INTP2m pin
Timer restart
request signal,
Interrupt request signal
Forced output stop
request signal Note 1
Internal wait time (55 to 215 ns
)
Note 3, 5
Edge comfirming time (2 to 3 clocks
)
Note 4, 6
Notes 1.
Only INTP20 can be used as a trigger for forced output stop function 2.
2.
The active level of INTP20 (used for forced output stop function 2) is high. Edge selection is only applied to
detection of an interrupt signal.
3.
5 to 15 ns when noise filtering on INTP20 is disabled (PNFEN = 1)
4.
For fCLK or fPLL (when PLLON = 1)
5.
An additional output delay time (10 to 40 ns) is required from when forced output stop function 2 starts
operating to when the level of the timer KB output changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com