Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70179 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 70179
Description  High Flux LED Module Ideal for Signage Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70179 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  70179 Datasheet HTML 1Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 2Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 3Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Catalog #
Type
Project
Comments
Prepared by
Date
HF2Chain
/
SB
/
02
/
W3
–
8
35
/
HE
High Flux
Single
Number
Color
CRI
Color
High
Second Generation
Board
of LEDs
Code
8 > 80
Temperature
Efficiency
Chain Module
35 = 3500K
65 = 6500K
Ordering Guide
Specification Data
Ordering Information
Current
Initial
Item
Ordering
Module
No. of
Power*
Voltage
per
Color**
Lumens per
Number
Abbreviation
Length
LEDs
(W)
(Vdc)
Module (A)
(K)
Module (lm)
Lumens/ft
Watts/ft
70179
HF2Chain/36/W3-835
12 ft.
36
52
24
2.15
3500
1320
110
4
70177
HF2Chain/SB/02/W3-835
3.75 in.
2
3
24
0.21
3500
74
–
–
70165
HF2Chain/36/W3-865
12 ft.
36
52
24
2.15
6500
1320
110
4
70234
HF2Chain/SB/02/W3-865
3.75 in.
2
3
24
0.21
6500
74
–
–
70400
HF2Chain/36/W3-865/HE
12 ft.
36
26
24
1.08
6500
1850
154
2.2
* All data is related to entire module at Tc point of 25°C.
** All white color temperatures have a CRI >80. Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect statistical figures
and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Power Supply Information
OPTOTRONIC 20W (51512)
OPTOTRONIC 50W (51598)
OPTOTRONIC 75W (51513, 51514)
LED
Max
LED
Max.
Max. No. of
Max
LED
Max.
Max. No. of
Max
LED
Max.
Max. No. of
Item
Length
Load
No. of
Modules
Length
Load
No. of
Modules
Length
Load
No. of
Modules
Number
(ft)
Watts
Boards
and SB
(ft)
Watts
Boards
and SB
(ft)
Watts
Boards
and SB
0.3 Modules
0.3 Modules
1.3 Modules
or 0 Modules
or 0 Modules
or 1 Module
70179,70165 4
17
6
+ 6 SB
11
48
16
+ 16 SB
16
69
24
+ 6 SB
70400
8
17
12
0.6 Modules
22
48
30
1.7 Modules
32
69
48
2.6 Modules
OPTOTRONIC 96W (51510, 51511)
OPTOTRONIC 240W* (51515)
LED
Max
LED
Max.
Max. No. of
Max
LED
Max.
Max. No. of
Item
Length Load
No. of
Modules
Length
Load
No. of
Modules
Number
(ft)
Watts
Boards
and SB
(ft)
Watts
Boards
and SB
1.6 Modules
4.5 Modules
or 1 Module
or 4 Modules
70179,70165 21
90
32
+ 12 SB
54
234
81
+ 9 SB
70400
42
90
64
3.2 Modules
108
234
162
9 Modules
*OT240 is a power supply with three 80W Class 2 power output.
Notes:
1. The HF2Chain SB is a single board designed to give greater control and flexibility over chain length. An HF2Chain module at any given length, can be lengthened by adding
one of two HF2Chain single boards, if desired.
2. SYLVANIA OPTOTRONIC power supplies are specifically designed with protection features for safe operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com