Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70179 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 70179
Description  High Flux LED Module Ideal for Signage Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70179 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  70179 Datasheet HTML 1Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 2Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 3Page - List of Unclassifed Manufacturers 70179 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available in a standard version
(25 LPW, 110 lumens/ft.) or as a
high efficiency version (70 LPW,
154 lumens/ft.)
Narrow profile and wide beam angle
(120º) allow for uniform illumination
of backlit surfaces
Flexible cables enable luminance to
be adjusted
Each HF2Chain can be cut every
three boards to fit any application
•
•
•
•
Dimmable by pulse width modula-
tion, a method that maintains
consistent lumen output and color
Circuit boards are conformally
coated to protect against dust,
moisture and condensation
Single board add-ons are available
to adjust length and fine tune light
output
•
•
•
The SYLVANIA HF2Chain LED module offers a cost effective alternative to
traditional white neon sources. The primary advantage of the LED module
over neon sources is reduced manufacturing and maintenance costs,
durability and small size. The HF2Chain LED module is ideally suited to fit
contours and curves typical of advertising spaces and channel letters.
Each HF2Chain consists of eighteen metal circuit boards, each with two
high-flux LEDs. Available in a standard version (25 LPW, 110 lumens/ft.) or
a high efficiency version (70 LPW, 154 lumens/ft.), this versatile product
enables the design of smaller and sleeker signs.
LED043R2 5/09
Ordering Description
Wattage (W)
Color
HF2Chain/36/W3-835
52
3500K
HF2Chain/SB/02/W3-835
3
3500K
HF2Chain/36/W3-865
52
6500K
HF2Chain/SB/02/W3-865
3
6500K
HF2Chain/36/W3-865/HE
26
6500K
Applications
• Signs, channel letters and displays
• Backlighting advertising panels
• General lighting
Application Information
HF2Chain
High Flux LED Module Ideal for Signage Applications
www.sylvania.com
Key Features & Benefits
Product Offering
Specifications and Certifications
The SYLVANIA HF2Chain is UL2108 Listed
for US and Canada Class 2 Unit
(UL file # E258264)
RoHS Compliant
Listed in the Sign Components Manual (SAM)
UL US
C
LISTED


Similar Part No. - 70179

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7017 BOURNS-7017 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7017 BURKERT-7017 Datasheet
1Mb / 14P
3/2-way rocker solenoid valve with media separation
10.01.2024
logo
Bourns Electronic Solut...
7017-RC BOURNS-7017-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Macromatic Industrial C...
70170-D MACROMATIC-70170-D Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
Chicago Miniature Lamp,...
7017X CML-7017X Datasheet
75Kb / 1P
Surface Mount LEDs 0603 Package Size
More results

Similar Description - 70179

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
Ideal for high vibration applications
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
Ideal for current sensing applications
logo
Lumileds Lighting Compa...
DS59 LUMILEDS-DS59 Datasheet
1Mb / 19P
High flux solution for signaling applications
DS101 LUMILEDS-DS101 Datasheet
1Mb / 19P
High flux for outdoor applications
PB101 LUMILEDS-PB101 Datasheet
1Mb / 2P
High flux for outdoor applications
PB59 LUMILEDS-PB59 Datasheet
1Mb / 2P
High flux solution for signaling applications
logo
P-tec Corporation
PLC3631A4-WCY06 P-TEC-PLC3631A4-WCY06 Datasheet
1Mb / 18P
Ideal for transportation signage or exteriorautomotive lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com