Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1148L-AD-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1148L-AD-AF5-R
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1148L-AD-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1148L-AD-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1148L-AD-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1148L-AD-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1148L-AD-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1148
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A74.a
600mA LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR1148 belonged to low-noise, low-dropout, linear
regulators operate from 2.3V to 6V input and are guaranteed to
deliver 600mA. Wide range of preset output voltage options are
available. Built-in low on-resistance transistor provides low dropout
voltage and large output current. The UTC LR1148 is designed and
optimized for battery-powered systems to work with low noise.
The UTC LR1148 consumes less than 0.01μA in shutdown
mode. Other features include ultra low dropout voltage, current
limiting protection, thermal shutdown protection and high ripple
rejection ratio.
FEATURES
* 600mA Guaranteed Output Current
* 0.01μA Shutdown Current
* Ultra Low Dropout Voltage
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
ORDERING INFORMATION
Note: Pin Assignment: I:VIN O:VOUT G:GND S:EN A: ADJ
LR1148L-xx-AF5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) AF5: SOT-25
(3) xx: refer to Marking Information
(4) L: Lead Free, G: Halogen Free
(4)Lead Free
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
A D : A DJ
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
5
LR1148L-xx-AF5-R
LR1148G-xx-AF5-R
SOT-25
I
G
S
A
O
Tape Reel


Similar Part No. - LR1148L-AD-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AE5-A-R UTC-LR1142G-AD-AE5-A-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AE5-B-R UTC-LR1142G-AD-AE5-B-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AF5-A-R UTC-LR1142G-AD-AF5-A-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AF5-B-R UTC-LR1142G-AD-AF5-B-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
More results

Similar Description - LR1148L-AD-AF5-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com