Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082CD Datasheet(PDF) 6 Page - Motorola, Inc

Part # TL082CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL082CD Datasheet(HTML) 6 Page - Motorola, Inc

  TL082CD Datasheet HTML 1Page - Motorola, Inc TL082CD Datasheet HTML 2Page - Motorola, Inc TL082CD Datasheet HTML 3Page - Motorola, Inc TL082CD Datasheet HTML 4Page - Motorola, Inc TL082CD Datasheet HTML 5Page - Motorola, Inc TL082CD Datasheet HTML 6Page - Motorola, Inc TL082CD Datasheet HTML 7Page - Motorola, Inc TL082CD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
6
MOTOROLA ANALOG IC DEVICE DATA
–
+
–
+
Reset
Vin
1/2
TL082
1N914
1.0
µF
*
*Polycarbonate or
Polystyrene Capacitor
VO
Figure 14. Positive Peak Detector
VR
Run
R4
R1
V1
R3
TL081
6
R6
Clear
C*
R5
–
+
*Polycarbonate or
Polystyrene Capacitor
Time (t) = R4 C n (VR/VR–VI), R3 = R4, R5 = 0.1 R6
If R1 = R2: t = 0.693 R4C
Design Example: 100 Second Timer
VR = 10 V
C = l.0 mF
R3 = R4 = 144 M
R6 = 20 k
R5 = 2.0 k
R1 = R2 = 1.0 k
R2
Figure 15. Voltage Controlled Current Source
Figure 16. Long Interval RC Timer
R2 5.1 k
VO
R1 5.1 k
TL081
RL 5.1 k
CL 0.5 µF
CC 20 pF
R3 10
2.0 V
0
V/
µs = 0.04 V/µs (with CL shown)
• Overshoot t 10%
• ts = 10 µs
• When driving large CL, the VO slew rate is determined by CL
• and IO(max):
–2.0 V
IO
Figure 17. Isolating Large Capacitive Loads
If R1 through R4 > > R5 then Iout =
+
Vin
R1
R5
R2
TL081
R4
IO
–
1/2
TL082
–
+
V
in
R5
DV
O
Dt +
I
O
C
L
^ 0.02
0.5
R3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com