Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082CD Datasheet(PDF) 1 Page - Motorola, Inc

Part # TL082CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL082CD Datasheet(HTML) 1 Page - Motorola, Inc

  TL082CD Datasheet HTML 1Page - Motorola, Inc TL082CD Datasheet HTML 2Page - Motorola, Inc TL082CD Datasheet HTML 3Page - Motorola, Inc TL082CD Datasheet HTML 4Page - Motorola, Inc TL082CD Datasheet HTML 5Page - Motorola, Inc TL082CD Datasheet HTML 6Page - Motorola, Inc TL082CD Datasheet HTML 7Page - Motorola, Inc TL082CD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL081C,AC
TL082C,AC
TL084C,AC
SEMICONDUCTOR
TECHNICAL DATA
JFET INPUT
OPERATIONAL AMPLIFIERS
Order this document by TL081C/D
TL081 (Top View)
TL082 (Top View)
TL084 (Top View)
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P SUFFIX
PLASTIC PACKAGE
CASE 626
N SUFFIX
PLASTIC PACKAGE
CASE 646
1
1
8
8
PIN CONNECTIONS
PIN CONNECTIONS
4
23
1
+
14
1
Offset Null
Noninvt Input
VEE
Inv + Input
VEE
Inputs A
Output A
Inputs 1
Output 1
VCC
Inputs 2
Output 2
NC
VCC
Output
Offset Null
Inputs B
Output B
VCC
Output 4
Inputs 4
VEE
Inputs 3
Output 3
–
–
+
+
–
–
––
+
+
++
18
7
6
5
2
3
4
18
7
6
5
2
3
4
114
13
12
11
10
9
8
2
3
4
5
6
7
1
MOTOROLA ANALOG IC DEVICE DATA
JFET Input Operational
Amplifiers
These low–cost JFET input operational amplifiers combine two state–of–
the–art linear technologies on a single monolithic integrated circuit. Each
internally compensated operational amplifier has well matched high voltage
JFET input devices for low input offset voltage. The BIFET technology
provides wide bandwidths and fast slew rates with low input bias currents,
input offset currents, and supply currents.
These devices are available in single, dual and quad operational
amplifiers which are pin–compatible with the industry standard MC1741,
MC1458, and the MC3403/LM324 bipolar products.
• Input Offset Voltage Options of 6.0 mV and 15 mV Max
• Low Input Bias Current: 30 pA
• Low Input Offset Current: 5.0 pA
• Wide Gain Bandwidth: 4.0 MHz
• High Slew Rate: 13 V/µs
• Low Supply Current: 1.4 mA per Amplifier
• High Input Impedance: 1012 Ω
ORDERING INFORMATION
Op Amp
Function
Device
Operating
Temperature Range
Package
Single
TL081CD
TA =0° to +70°C
SO–8
Single
TL081ACP
TA = 0° to +70°C
Plastic DIP
Dual
TL082CD
TA =0° to +70°C
SO–8
Dual
TL082ACP
TA = 0° to +70°C
Plastic DIP
Quad
TL084CN, ACN
TA = 0° to +70°C
Plastic DIP
Representative Circuit Schematic (Each Amplifier)
–
+
Inputs
Q3
Q4
Q5
Q2
Q1
VCC
Q6
J1
J2
Q17
Q20
Q23
24
J3
2.0 k
Q14
Q15
10 pF
Q19
Q21
Q22 Q24
Q9
Q8
Q7
Q25
Q12
Q10
Q13
Q11
Q16
Q18
1.5 k
VEE
Bias Circuitry
Common to All
Amplifiers
Offset
Null
(TL081
only)
Output
1.5 k
© Motorola, Inc. 1997
Rev 1


Similar Part No. - TL082CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL082CD ONSEMI-TL082CD Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
REV 1
logo
STMicroelectronics
TL082CD STMICROELECTRONICS-TL082CD Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082CD TI-TL082CD Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CD TI-TL082CD Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CD TI-TL082CD Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL082CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL087 TI-TL087_07 Datasheet
387Kb / 22P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com