Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6205PD Datasheet(PDF) 14 Page - STMicroelectronics

Part # E-L6205PD
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6205PD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button E-L6205PD Datasheet HTML 10Page - STMicroelectronics E-L6205PD Datasheet HTML 11Page - STMicroelectronics E-L6205PD Datasheet HTML 12Page - STMicroelectronics E-L6205PD Datasheet HTML 13Page - STMicroelectronics E-L6205PD Datasheet HTML 14Page - STMicroelectronics E-L6205PD Datasheet HTML 15Page - STMicroelectronics E-L6205PD Datasheet HTML 16Page - STMicroelectronics E-L6205PD Datasheet HTML 17Page - STMicroelectronics E-L6205PD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
L6205
14/21
Figure 13. Parallel connection with lower Overcurrent Threshold
It is also possible to parallel the four Half Bridges to obtain a simple Half Bridge as shown in Fig. 14 The resulting
half bridge has the following characteristics.
- Equivalent Device: HALF BRIDGE
- RDS(ON) 0.075
Ω Typ. Value @ TJ = 25°C
- 5.6A max RMS Load Current
- 11.2A OCD Threshold
Figure 14. Paralleling the four Half Bridges
CP
CBOOT
RP
D2
D1
C2
OUT1A
4
18
16
15
7
13
OUT2A
GND
GND
GND
GND
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
VSB
VCP
VBOOT
C1
SENSEA
17
6
5
14
3
12
19
SENSEB
LOAD
8
D02IN1360
10
INA
IN2B
IN2A
2
IN1A
1
IN1B
INB
9
ENB
ENA
CEN
REN
EN
11
20
CP
CBOOT
RP
D2
D1
C2
OUT1A
4
7
16
15
18
13
OUT1B
GND
GND
GND
GND
OUT2B
OUT2A
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
VSB
VCP
VBOOT
C1
SENSEA
17
6
5
ENB
11
14
3
12
19
SENSEB
8
ENA
CEN
REN
EN
20
D02IN1366
1
IN1A
IN2B
10
IN1B
9
IN2A
2
LOAD
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com