Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6205PD Datasheet(PDF) 17 Page - STMicroelectronics

Part # E-L6205PD
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6205PD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button E-L6205PD Datasheet HTML 13Page - STMicroelectronics E-L6205PD Datasheet HTML 14Page - STMicroelectronics E-L6205PD Datasheet HTML 15Page - STMicroelectronics E-L6205PD Datasheet HTML 16Page - STMicroelectronics E-L6205PD Datasheet HTML 17Page - STMicroelectronics E-L6205PD Datasheet HTML 18Page - STMicroelectronics E-L6205PD Datasheet HTML 19Page - STMicroelectronics E-L6205PD Datasheet HTML 20Page - STMicroelectronics E-L6205PD Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
L6205
Figure 21. Typical Quiescent Current vs.
Supply Voltage
Figure 22. Normalized Typical Quiescent
Current vs. Switching Frequency
Figure 23. Typical Low-Side RDS(ON) vs.
Supply Voltage
Figure 24. Typical High-Side RDS(ON) vs.
Supply Voltage
Figure 25. Normalized RDS(ON) vs.Junction
Temperature (typical value)
Figure 26. Typical Drain-Source Diode
Forward ON Characteristic
4.6
4.8
5.0
5.2
5.4
5.6
0
102 03 0405 06 0
Iq [m A ]
V S [V]
fsw = 1kHz
Tj = 25°C
Tj = 85°C
Tj = 125°C
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
204060
80
100
Iq / (Iq @ 1 kHz)
fSW [kHz]
0.276
0.280
0.284
0.288
0.292
0.296
0.300
0
5
10
15
20
25
30
RDS(ON) [Ω]
VS [V]
Tj = 25°C
0.336
0.340
0.344
0.348
0.352
0.356
0.360
0.364
0.368
0.372
0.376
0.380
0
5
10
15
20
25
30
RDS(ON) [Ω]
VS [V]
Tj = 25°C
0.8
1.0
1.2
1.4
1.6
1.8
0
20406080
100
120
140
RDS(ON) / (RDS(ON) @ 25 °C )
Tj [°C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
700
800
900
1000
1100
1200
1300
I
SD [A]
VSD [mV]
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com