Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6235
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6235 Datasheet HTML 3Page - STMicroelectronics L6235 Datasheet HTML 4Page - STMicroelectronics L6235 Datasheet HTML 5Page - STMicroelectronics L6235 Datasheet HTML 6Page - STMicroelectronics L6235 Datasheet HTML 7Page - STMicroelectronics L6235 Datasheet HTML 8Page - STMicroelectronics L6235 Datasheet HTML 9Page - STMicroelectronics L6235 Datasheet HTML 10Page - STMicroelectronics L6235 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DocID7618 Rev 2
7/35
L6235
Pin connections
35
Package
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
Pin no.
Pin no.
6, 7, 18, 19
1, 18, 19, 36
GND
GND
Ground terminals. On PowerDIP24 and SO24
packages, these pins are also used for heat dissipation
toward the PCB. On PowerSO36 package the slug is
connected on these pins.
822
TACHO
Open drain
output
Frequency-to-voltage open drain output. Every pulse
from pin H1 is shaped as a fixed and adjustable length
pulse.
9
24
RCPULSE
RC pin
RC network pin. A parallel RC network connected
between this pin and ground sets the duration of the
monostable pulse used for the frequency-to-voltage
converter.
10
25
SENSEB Power supply
Half-bridge 3 source pin. This pin must be connected
together with pin SENSEA to power ground through
a sensing power resistor. At this pin also the inverting
input of the sense comparator is connected.
11
26
FWD/REV
Logic input
Selects the direction of the rotation. HIGH logic level
sets forward operation, whereas LOW logic level sets
reverse operation.
If not used, it has to be connected to GND or +5 V.
12
27
EN
Logic input
Chip enable. LOW logic level switches OFF all Power
MOSFETs. If not used, it has to be connected to +5 V.
13
28
VREF
Logic input
Current controller reference voltage.
Do not leave this pin open or connect to GND.
14
29
BRAKE
Logic input
Brake input pin. LOW logic level switches ON all high-
side Power MOSFETs, implementing the brake
function. If not used, it has to be connected to +5 V.
15
30
VBOOT
Supply
voltage
Bootstrap voltage needed for driving the upper Power
MOSFETs.
16
32
OUT3
Power output
Output 3.
17
33
VSB
Power supply
Half-bridge 3 power supply voltage. It must be
connected to the supply voltage together with pin VSA.
20
4
VSA
Power supply
Half-bridge 1 and half-bridge 2 power supply voltage. It
must be connected to the supply voltage together with
pin VSB.
21
5
OUT2
Power output
Output 2.
22
7
VCP
Output
Charge pump oscillator output.
23
8
H2
Sensor input
Single ended hall effect sensor input 2.
24
9
H3
Sensor input
Single ended hall effect sensor input 3.
Table 4. Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com