Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6235
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6235 Datasheet HTML 23Page - STMicroelectronics L6235 Datasheet HTML 24Page - STMicroelectronics L6235 Datasheet HTML 25Page - STMicroelectronics L6235 Datasheet HTML 26Page - STMicroelectronics L6235 Datasheet HTML 27Page - STMicroelectronics L6235 Datasheet HTML 28Page - STMicroelectronics L6235 Datasheet HTML 29Page - STMicroelectronics L6235 Datasheet HTML 30Page - STMicroelectronics L6235 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID7618 Rev 2
27/35
L6235
Application information
35
11.2
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Selecting the
appropriate package and heatsinking configuration for the application is required to maintain
the IC within the allowed operating temperature range for the application. Figure 25, 26 and
27 show the junction to ambient thermal resistance values for the PowerSO36, PowerDIP24
and SO24 packages.
For instance, using a PowerSO package with a copper slug soldered on a 1.5 mm copper
thickness FR4 board with a 6 cm2 dissipating footprint (copper thickness of 35
m), the
Rth(j-amb) is about 35 °C/W. Figure 28 shows mounting methods for this package. Using
a multilayer board with vias to a ground plane, thermal impedance can be reduced down to
15 °C/W.
Figure 25. PowerSO36 junction ambient thermal resistance versus on-board copper
area
Figure 26. PowerDIP24 junction ambient thermal resistance versus on-board copper
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com