Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235N Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6235N
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6235N Datasheet HTML 19Page - STMicroelectronics L6235N Datasheet HTML 20Page - STMicroelectronics L6235N Datasheet HTML 21Page - STMicroelectronics L6235N Datasheet HTML 22Page - STMicroelectronics L6235N Datasheet HTML 23Page - STMicroelectronics L6235N Datasheet HTML 24Page - STMicroelectronics L6235N Datasheet HTML 25Page - STMicroelectronics L6235N Datasheet HTML 26Page - STMicroelectronics L6235N Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID7618 Rev 2
23/35
L6235
Non-dissipative overcurrent detection and protection
35
The resistor REN should be chosen in the range from 2.2 K to 180 K. Recommended
values for REN and CEN are respectively 100 K and 5.6 nF that allow obtaining 200 s
disable time.
Figure 20. Overcurrent protection waveforms
Figure 21. tDISABLE versus CEN and REN
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
VEN=VDIAG
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com