Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6235N
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235N Datasheet(HTML) 5 Page - STMicroelectronics

  L6235N Datasheet HTML 1Page - STMicroelectronics L6235N Datasheet HTML 2Page - STMicroelectronics L6235N Datasheet HTML 3Page - STMicroelectronics L6235N Datasheet HTML 4Page - STMicroelectronics L6235N Datasheet HTML 5Page - STMicroelectronics L6235N Datasheet HTML 6Page - STMicroelectronics L6235N Datasheet HTML 7Page - STMicroelectronics L6235N Datasheet HTML 8Page - STMicroelectronics L6235N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
DocID7618 Rev 2
5/35
L6235
Maximum ratings
35
Table 3. Thermal data
Symbol
Description
PDIP24
SO24
PowerSO36
Unit
Rth(j-pins)
Maximum thermal resistance junction pins
18
14
C/W
Rth(j-case)
Maximum thermal resistance junction case
1
C/W
Rth(j-amb)1 Maximum thermal resistance junction ambient(1)
43
51
-
C/W
Rth(j-amb)1 Maximum thermal resistance junction ambient(2)
--
35
C/W
Rth(j-amb)1 Maximum thermal resistance junction ambient(3)
--
15
C/W
Rth(j-amb)2 Maximum thermal resistance junction ambient(4)
58
77
62
C/W
1. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness of
35 µm).
2. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm).
3. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm),
16 via holes and a ground layer.
4. Mounted on a multilayer FR4 PCB without any heatsinking surface on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com