Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235PD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6235PD
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235PD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6235PD Datasheet HTML 9Page - STMicroelectronics L6235PD Datasheet HTML 10Page - STMicroelectronics L6235PD Datasheet HTML 11Page - STMicroelectronics L6235PD Datasheet HTML 12Page - STMicroelectronics L6235PD Datasheet HTML 13Page - STMicroelectronics L6235PD Datasheet HTML 14Page - STMicroelectronics L6235PD Datasheet HTML 15Page - STMicroelectronics L6235PD Datasheet HTML 16Page - STMicroelectronics L6235PD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID7618 Rev 2
13/35
L6235
PWM current control
35
6
PWM current control
The L6235 device includes a constant off time PWM current controller. The current control
circuit senses the bridge current by sensing the voltage drop across an external sense
resistor connected between the source of the three lower power MOS transistors and
ground, as shown in Figure 9. As the current in the motor increases the voltage across the
sense resistor increases proportionally. When the voltage drop across the sense resistor
becomes greater than the voltage at the reference input pin VREF the sense comparator
triggers the monostable switching the bridge off. The power MOS remains off for the time
set by the monostable and the motor current recirculates around the upper half of the bridge
in slow decay mode as described in Section 7: Slow decay mode on page 17. When the
monostable times out, the bridge will again turn on. Since the internal deadtime, used to
prevent cross conduction in the bridge, delays the turn on of the power MOS, the effective
off time tOFF is the sum of the monostable time plus the deadtime.
Figure 10 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the pin RC voltage and the status of the bridge. More details
regarding the synchronous rectification and the output stage configuration are included in
Section 7.
Immediately after the power MOS turns on, a high peak current flows through the sense
resistor due to the reverse recovery of the freewheeling diodes. The L6235 device provides
a 1 µs blanking time tBLANK that inhibits the comparator output so that the current spike
cannot prematurely retrigger the monostable.
Figure 9. PWM current controller simplified schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com