Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235PD Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6235PD
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235PD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6235PD Datasheet HTML 14Page - STMicroelectronics L6235PD Datasheet HTML 15Page - STMicroelectronics L6235PD Datasheet HTML 16Page - STMicroelectronics L6235PD Datasheet HTML 17Page - STMicroelectronics L6235PD Datasheet HTML 18Page - STMicroelectronics L6235PD Datasheet HTML 19Page - STMicroelectronics L6235PD Datasheet HTML 20Page - STMicroelectronics L6235PD Datasheet HTML 21Page - STMicroelectronics L6235PD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Decoding logic
L6235
18/35
DocID7618 Rev 2
8
Decoding logic
The decoding logic section is a combinatory logic that provides the appropriate driving of the
3-phase bridge outputs according to the signals coming from the three hall sensors that
detect rotor position in a 3-phase BLDC motor. This novel combinatory logic discriminates
between the actual sensor positions for sensors spaced at 60, 120, 240 and 300 electrical
degrees. This decoding method allows the implementation of a universal IC without
dedicating pins to select the sensor configuration.
There are eight possible input combinations for three sensor inputs. Six combinations are
valid for rotor positions with 120 electrical degrees sensor phasing (see Figure 14, positions
1, 2, 3a, 4, 5 and 6a) and six combinations are valid for rotor positions with 60 electrical
degrees phasing (see Figure 15, positions 1, 2, 3b, 4, 5 and 6b). Four of them are in
common (1, 2, 4 and 5) whereas there are two combinations used only in 120 electrical
degrees sensor phasing (3a and 6a) and two combinations used only in 60 electrical
degrees sensor phasing (3b and 6b).
The decoder can drive motors with different sensor configuration simply by following
Table 7. For any input configuration (H1, H2 and H3) there is one output configuration
(OUT1, OUT2 and OUT3). The output configuration 3a is the same as 3b and analogously
output configuration 6a is the same as 6b.
The sequence of the hall codes for 300 electrical degrees phasing is the reverse of 60 and
the sequence of the hall codes for 240 phasing is the reverse of 120. So, by decoding the 60
and the 120 codes it is possible to drive the motor with all the four conventions by changing
the direction set.
Table 7. 60 and 120 electrical degree decoding logic in forward direction
Hall 120°
1
2
3a
-
4
5
6a
-
Hall 60°
1
2
-
3b
4
5
-
6b
H1
HH
L
H
L
L
H
L
H2
LH
H
H
H
L
L
L
H3
LL
L
H
H
H
H
L
OUT1
Vs
High Z
GND
GND
GND
High Z
Vs
Vs
OUT2
High Z
Vs
Vs
Vs
High Z
GND
GND
GND
OUT3
GND
GND
High Z
High Z
Vs
Vs
High Z
High Z
Phasing
1 -> 3
2 -> 3
2 -> 1
2 -> 1
3 -> 1
3 -> 2
1 -> 2
1 -> 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com