Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6235D
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 5Page - STMicroelectronics L6235D Datasheet HTML 6Page - STMicroelectronics L6235D Datasheet HTML 7Page - STMicroelectronics L6235D Datasheet HTML 8Page - STMicroelectronics L6235D Datasheet HTML 9Page - STMicroelectronics L6235D Datasheet HTML 10Page - STMicroelectronics L6235D Datasheet HTML 11Page - STMicroelectronics L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID7618 Rev 2
9/35
L6235
Electrical characteristics
35
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
PWM comparator and monostable
IRCOFF Source current at pin RCOFF
VRCOFF = 2.5 V
3.5
5.5
mA
VOFFSET Offset voltage on sense comparator
Vref = 0.5 V
±5
mV
tprop
Turn OFF propagation delay(3)
Vref = 0.5 V
500
ns
tblank
Internal blanking time on sense comparator
1
µs
tON(min) Minimum on time
1.5
2
µs
tOFF
PWM recirculation time
ROFF = 20 k; COFF 1 nF
13
s
ROFF= 100 k; COFF 1 nF
61
s
IBIAS
Input bias current at pin VREF
10
µA
TACHO monostable
IRCPULSE Source current at pin RCPULSE
VRCPULSE = 2.5 V
3.5
5.5
mA
tPULSE Monostable of time
RPUL = 20 k; CPUL 1 nF
12
s
RPUL = 100 k; CPUL 1 nF
60
s
RTACHO Open drain ON resistance
40
60
W
Overcurrent detection and protection
ISOVER Supply overcurrent protection threshold
TJ = -25 to 125 °C(6)
4.0
5.6
7.1
A
ROPDR Open drain ON resistance
IDIAG = 4 mA
40
60
W
IOH
OCD high level leakage current
VDIAG = 5 V
1
µA
tOCD(ON) OCD turn-ON delay time(4)
IDIAG = 4 mA; CDIAG < 100 pF
200
ns
tOCD(OFF) OCD turn-OFF delay time(9)
IDIAG = 4 mA; CDIAG < 100 pF
100
ns
1. Tested at 25 °C in a restricted range and guaranteed by characterization.
2. SeeFigure 3: Switching characteristic definition.
3. Measured applying a voltage of 1 V to pin SENSE and a voltage drop from 2 V to 0 V to pin VREF.
4. See Figure 4: Overcurrent detection timing definition.
Table 5. Electrical characteristics (continued)
(VS = 48 V, Tamb = 25 °C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com