Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6235D
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 21Page - STMicroelectronics L6235D Datasheet HTML 22Page - STMicroelectronics L6235D Datasheet HTML 23Page - STMicroelectronics L6235D Datasheet HTML 24Page - STMicroelectronics L6235D Datasheet HTML 25Page - STMicroelectronics L6235D Datasheet HTML 26Page - STMicroelectronics L6235D Datasheet HTML 27Page - STMicroelectronics L6235D Datasheet HTML 28Page - STMicroelectronics L6235D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DocID7618 Rev 2
25/35
L6235
Application information
35
11
Application information
A typical application using the L6235 device is shown in Figure 23. Typical component
values for the application are shown in Table 8. A high quality ceramic capacitor (C2) in the
range of 100 nF to 200 nF should be placed between the power pins VSA and VSB and
ground near the L6235 device to improve the high frequency filtering on the power supply
and reduce high frequency transients generated by the switching. The capacitor (CEN)
connected from the EN input to ground sets the shutdown time when an overcurrent is
detected (see Section 10: Non-dissipative overcurrent detection and protection). The two
current sensing inputs (SENSEA and SENSEB) should be connected to the sensing resistor
RSENSE with a trace length as short as possible in the layout. The sense resistor should be
non-inductive resistor to minimize the di/dt transients across the resistor. To increase noise
immunity, unused logic pins are best connected to 5 V (high logic level) or GND (low logic
level) (see Table 4: Pin description on page 6). It is recommended to keep power ground
and signal ground separated on the PCB.
Table 8. Component values for typical application
Component
Value
C1
100 µF
C2
100 nF
C3
220 nF
CBOOT
220 nF
COFF
1 nF
CPUL
10 nF
CREF1
33 nF
CREF2
100 nF
CEN
5.6 nF
CP
10 nF
D1
1N4148
D2
1N4148
R1
5.6 K
R2
1.8 K
R3
4.7 K
R4
1 M
RDD
1 K
REN
100 K
RP
100
RSENSE
0.3
ROFF
33 K
RPUL
47 K
RH1, RH2, RH3
10 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com