Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-5BCPZ-R2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AD7989-5BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-5BCPZ-R2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AD7989-5BCPZ-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. 0 | Page 12 of 24
TERMINOLOGY
Integral Nonlinearity Error (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each code to the true straight line (see Figure 25).
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Zero Error
Zero error is the difference between the ideal midscale voltage,
that is, 0 V, and the actual voltage producing the midscale
output code, that is, 0 LSB.
Gain Error
The first transition (from 100 … 00 to 100 …01) should occur
at a level ½ LSB above nominal negative full scale (−4.999981 V
for the ±5 V range). The last transition (from 011 … 10 to
011 … 11) occurs for an analog voltage 1½ LSB below the
nominal full scale (+4.999943 V for the ±5 V range). The gain
error is the deviation of the difference between the actual level
of the last transition and the actual level of the first transition from
the difference between the ideal levels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to SINAD as follows
ENOB = (SINADdB − 1.76)/6.02
and is expressed in bits.
Noise-Free Code Resolution
Noise-free code resolution is the number of bits beyond which it is
impossible to distinctly resolve individual codes. It is calculated as
Noise-Free Code Resolution = log2(2N/Peak-to-Peak Noise)
and is expressed in bits.
Effective Resolution
Effective resolution is calculated as
Effective Resolution = log2(2N/RMS Input Noise)
and is expressed in bits.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together.
The value for dynamic range is expressed in decibels. It is
measured with a signal at −60 dB so that it includes all noise
sources and DNL artifacts.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding dc.
The value of SINAD is expressed in decibels.
Aperture Delay
Aperture delay is the measure of the acquisition performance
and is the time between the rising edge of the CNV input and
when the input signal is held for a conversion.
Transient Response
Transient response is the time required for the ADC to accurately
acquire its input after a full-scale step function is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com