Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-5BCPZ-R2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD7989-5BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-5BCPZ-R2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD7989-5BCPZ-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-5BCPZ-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. 0 | Page 5 of 24
TIMING SPECIFICATIONS
TA = −40°C to +85°C, VDD = 2.37 V to 2.63 V, VIO = 2.3 V to 5.5 V, unless otherwise noted. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
AD7989-1
Throughput Rate
100
kSPS
Conversion Time: CNV Rising Edge to Data Available
tCONV
9500
ns
Acquisition Time
tACQ
500
ns
Time Between Conversions
tCYC
10
µs
AD7989-5
Throughput Rate
500
kSPS
Conversion Time: CNV Rising Edge to Data Available
tCONV
1600
ns
Acquisition Time
tACQ
400
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
500
ns
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 3 V
10
ns
VIO Above 2.3V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com