Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01 Datasheet(PDF) 1 Page - Sanken electric

Part # AM01
Description  Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01 Datasheet(HTML) 1 Page - Sanken electric

  AM01 Datasheet HTML 1Page - Sanken electric AM01 Datasheet HTML 2Page - Sanken electric AM01 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM01
040128
1/3
61426-01
SANKEN ELECTRIC CO., LTD.
1. Scope
The present specifications shall apply to Sanken silicon rectifier diode, AM01.
2. Outline
Type
Silicon Rectifier Diode (Mesa Type)
Structure
Resin Molded
Applications
Commercial Frequency Rectification, etc.
3. Flammability
UL94V-0 (equipment)
4. Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
450
2
Peak Reverse Voltage
VRM
V
400
3
Average Forward Current
IF (AV)
A
1.0
Refer to Derating of 6
4
Peak Surge Forward Current
IFSM
A
35
10ms.
Sine wave, one shot
5
Junction Temperature
Tj
°C
-40 to +150
6
Storage Temperature
Tstg
°C
-40 to +150
5. Electrical characteristics
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF = 1.0A
2
Reverse Leakage Current
IR
μA
10 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
HIR
μA
50 max.
VR=VRM, Ta=100°C
4
Thermal Resistance
θj-l
°C /W
22
Between Junction and Lead


Similar Part No. - AM01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AM01 SANKEN-AM01 Datasheet
23Kb / 1P
Rectifier Diodes
AM01 SANKEN-AM01 Datasheet
23Kb / 1P
Rectifier Diodes
AM01A SANKEN-AM01A Datasheet
23Kb / 1P
Rectifier Diodes
AM01A SANKEN-AM01A Datasheet
23Kb / 1P
Rectifier Diodes
AM01JB SANKEN-AM01JB Datasheet
210Kb / 5P
Transient Voltage Suppressor
More results

Similar Description - AM01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com