Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01 Datasheet(PDF) 3 Page - Sanken electric

Part # AM01
Description  Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01 Datasheet(HTML) 3 Page - Sanken electric

  AM01 Datasheet HTML 1Page - Sanken electric AM01 Datasheet HTML 2Page - Sanken electric AM01 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AM01
040128
3/3
61426-01
SANKEN ELECTRIC CO., LTD.
① ② ③
7. Package information
7.1 Dimensions
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.2mm(max.)
*3
The burr may exit up to 2mm from the body of lead.
*4
Whole lead wire is 62.0
±1.0, with 52mm taping.
7.2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
The color of the case will be black.
7.3 Marking Type number
① Type number : AM01 is abbreviated as M
② V
RM rank
:Nothing : 400V
③ Lot number
First digit : Last digit of Year
Second digit : Month
From 1 to 9 for Jan. to Sep.
O for Oct., N for Nov., and D for Dec.
The type No., VRM rank and lot number are to be marked in White.
8.
Internal structure diagram and material list
Weight of products: Approx. 0.13g
No.
Name of part
Materials
①
Plastic body
Epoxy Resin
②
Chip
Silicon
③
Leads
Solder Dipped Silver plated copper wire
Dimensions in mm
Cathode band



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com