Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR300 Datasheet(PDF) 5 Page - Sanken electric

Part # BR300
Description  5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BR300 Datasheet(HTML) 5 Page - Sanken electric

  BR300 Datasheet HTML 1Page - Sanken electric BR300 Datasheet HTML 2Page - Sanken electric BR300 Datasheet HTML 3Page - Sanken electric BR300 Datasheet HTML 4Page - Sanken electric BR300 Datasheet HTML 5Page - Sanken electric BR300 Datasheet HTML 6Page - Sanken electric BR300 Datasheet HTML 7Page - Sanken electric BR300 Datasheet HTML 8Page - Sanken electric BR300 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SANKEN ELECTRIC CO., LTD.
BR300-DS, Rev. 1.0
5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
BR300
September 11, 2012
Performance Characteristics
Temperature Rise At VIN= 30 V, VO = 5 V, IO = 1 A
Measurement Points
Temperature
(°C)
Temperature
Rise (°C)
Inductor
Top
75.3
50.2
Diode
Top
71.9
46.8
Ceramic capacitor
Top
67.2
42.1
IC
Bottom
72.9
47.8
Input ceramic capacitor
Bottom
65.5
40.4
Output ceramic capacitor
Bottom
61.8
36.7
Ambient temperature
25.1
Regulation
Output
Efficiency
Derating Curve (Natural Cooling)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com