Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR300 Datasheet(PDF) 6 Page - Sanken electric

Part # BR300
Description  5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BR300 Datasheet(HTML) 6 Page - Sanken electric

Back Button BR300 Datasheet HTML 2Page - Sanken electric BR300 Datasheet HTML 3Page - Sanken electric BR300 Datasheet HTML 4Page - Sanken electric BR300 Datasheet HTML 5Page - Sanken electric BR300 Datasheet HTML 6Page - Sanken electric BR300 Datasheet HTML 7Page - Sanken electric BR300 Datasheet HTML 8Page - Sanken electric BR300 Datasheet HTML 9Page - Sanken electric BR300 Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SANKEN ELECTRIC CO., LTD.
BR300-DS, Rev. 1.0
5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
BR300
September 11, 2012
Typical Application
VIN
VO
VIN
8 to 30 V
CIN
220 μF
CO
Electrolytic 470 μF
or Ceramic 30 μF
1
3
2
4
GND
NC
Load
BR300
Typical application circuit example
• An input electrolytic capacitor, CIN , of approximately 220 μF should be connected to the input
side of the BR300. If the input voltage is stable, it is not required.
• An output capacitor, CO, either electrolytic of approximately 470 μF or ceramic of
approximately 30 μF should be connected to the output side of the BR300.
• For CIN , a YXF type made by Rubycon for switching power supplies or equivalent is
recommended.
• For CO , either a low impedance ZL type made by Rubycon, or three ceramic capacitors
connected in parallel (GRM31CR71E106KA12 made by Murata), for switching power
supplies or equivalent are recommended.
• Depending on PCB layout, output voltage ripple could be amplified. Please check the output
voltage ripple in the actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com