Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9271 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML9271
Description  48-Bit Grid/Anode VFD Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9271 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML9271 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FEDL9271-01
LAPIS Semiconductor
ML9271
5/16
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Logic Supply Voltage *1
VDD
—
–0.3 to 6.5
V
Driver Supply Voltage *1, *2
VDISP
—
–0.3 to 25
V
Input Voltage
*1
VIN
Applicable to all input pins
–0.3 to VDD+0.3
V
Data Output Voltage
*1
VO1
Applicable to the data
output pins
–0.3 to VDD+0.3
V
Driver Output Voltage *1
VO2
Applicable to the driver
output pins
–0.3 to VDISP+0.3
V
Storage Temperature
TSTG
—
–55 to 150
°C
Power Dissipation
PD
Ta < 105°C
64-pin plastic QFP
339
mW
Thermal Resistance
*3
Rj-a
—
59
°C/W
IO1
HVO1 to HVO48
–18.0 to 2.0
Output Current
IO2
DOUT
–2.0 to 2.0
mA
*1 Maximum supply voltage with respect to L-GND and D-GND
*2 Catastrophic breakdown may occur if the applied voltage exceeds the rating value.
*3 Thermal resistance of the package (between junction and atmosphere)
The junction temperature (Tj) given by the following formula should not exceed 150°C.
Tj = P  Rj-a + Ta (P is the maximum power dissipation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com