Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9271 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9271
Description  48-Bit Grid/Anode VFD Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9271 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9271 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FEDL9271-01
LAPIS Semiconductor
ML9271
6/16
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
When the logic supply voltage is
3.3 V (typ.)
3.0
3.3
3.6
V
Logic Supply Voltage
VDD
When the logic supply voltage is
5.0 V (typ.)
4.5
5.0
5.5
V
Driver Supply Voltage
VDISP
Applicable to the driver supply
voltage pin
8
—
18
V
CLK Frequency
fCLK
See the Timing Diagram
—
—
5.0
MHZ
Ta
64-pin plastic QFP
–40
—
105
Operating Temperature
Tj
Al-Pad Chip
–40
—
115
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com