Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG13 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RG13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG13 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RG13 Datasheet HTML 46Page - Renesas Technology Corp RG13 Datasheet HTML 47Page - Renesas Technology Corp RG13 Datasheet HTML 48Page - Renesas Technology Corp RG13 Datasheet HTML 49Page - Renesas Technology Corp RG13 Datasheet HTML 50Page - Renesas Technology Corp RG13 Datasheet HTML 51Page - Renesas Technology Corp RG13 Datasheet HTML 52Page - Renesas Technology Corp RG13 Datasheet HTML 53Page - Renesas Technology Corp RG13 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
RL78 Family
Chapter 6
Software Resources and Processing Time
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 50 of 53
Mar. 28, 2014
6. 2
Software Resources
In the EEL, program areas corresponding to parts of the library to be used, RAM areas for variables to be used in
the library, and RAM areas for work area (self-RAM) are used to assign an appropriate program to the user area.
Also, since the FDL will be used, the EEL must have a separate area for use by the FDL.
Tables 6-3 and 6-4 list required software resources
Note 1, 2. Figures 6-2 and 6-3 show the images of allocating software
resources to the RAM.
Table 6-3 Software Resources Used by EEL
Note
1: Please contact about products added after this document is issued.
Item
Size(byte)
Restrictions on Allocation and Usage
Note1,2
Self-RAM
Note3
0 to 1024
Note3
RL78/D1A
RAM 4KB
ROM 64KB
FEF00H to FF2FFH
RAM 16KB
ROM 256KB
FBF00H to FC2FFH
RL78/F12
RAM 4KB
ROM 64KB
FEF00H to FF2FFH
RL78/F13
RAM 4KB
ROM 64KB
( R5F10AmE (m = 6, A, B, G, L) )
FEF00H to FF2FFH
RAM 8KB
ROM128KB
FDF00H to FE2FFH
RL78/F14
RAM 8KB
ROM 96KB
( R5F10PmF (m = G, L, M) )
FDF00H to FE2FFH
RAM 20KB
ROM 256KB
FAF00H to FB2FFH
RL78/G13
RAM 4KB
ROM 64KB
FEF00H to FF2FFH
RAM 20KB
ROM 256KB
( R5F100xJ
( x = F, G, J, L, M, P) )
FAF00H to FB2FFH
RAM 32KB
ROM 512KB
F7F00H to F82FFH
RL78/G14
RAM 5.5KB
ROM 48KB
FE900H to FECFFH
RAM 5.5KB
ROM 64KB
FE900H to FECFFH
RAM 24KB
ROM 256KB
F9F00H to FA2FFH
RL78/G1A
RAM 4KB
ROM 64KB
FEF00H to FF2FFH
RL78/I1A
RAM 4KB
ROM 64KB
FEF00H to FF2FFH
RL78/L13
RAM 8KB
ROM 128KB
FDF00H to FE2FFH
RL78/L1C
RAM 16KB
ROM 192KB
FBF00H to FC2FFH
RAM 16KB
ROM 256KB
FBF00H to FC2FFH
ALL
Note 1,2
Products other than the above
Contact us.
Stack
80
Can be allocated to a RAM area other than the self-RAM and the area from FFE20H
to FFEFFH
Data buffer
Note4
1 to 255
Request Structure
5
SADDR RAM work
area
SADDR : 3
(fdl:2)
(eel:1)
Can be allocated to a short-addressing RAM area
Library size
3400
(fdl:600)
(eel:2800)
Can be allocated to any program area other than the self-RAM and the area from
FFE20H to FFEFFH (ROM is recommended)
Data table
3 to 68
Fixed-parameter area
(default)
14
(fdl:10)
(eel:2)
EEL Blocks
3,072 or more
(at least 3
blocks)
Only data flash memory can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com