Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG13 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RG13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG13 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RG13 Datasheet HTML 47Page - Renesas Technology Corp RG13 Datasheet HTML 48Page - Renesas Technology Corp RG13 Datasheet HTML 49Page - Renesas Technology Corp RG13 Datasheet HTML 50Page - Renesas Technology Corp RG13 Datasheet HTML 51Page - Renesas Technology Corp RG13 Datasheet HTML 52Page - Renesas Technology Corp RG13 Datasheet HTML 53Page - Renesas Technology Corp RG13 Datasheet HTML 54Page - Renesas Technology Corp RG13 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
RL78 Family
Chapter 6
Software Resources and Processing Time
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 51 of 53
Mar. 28, 2014
2: The RL78/G12, L12 and G1C product does not support the EEL
3: An area used as the working area by the EEL is called self-RAM in this manual and the release note. The
self-RAM requires no user setting because it is an area that is not mapped and automatically used at
execution of the EEL (previous data is discarded). When the EEL is not used, the self-RAM can be used as
a normal RAM space.
For the RL78 microcontroller with self-RAM, the chapter of "memory space" in the user's manual of the
RL78 microcontroller has a note on an area (self-RAM) whose usage is prohibited during self-programming.
If the above table does not include the target RL78 microcontroller, refer to the user's manual of the target
RL78 microcontroller.
4: The data buffer is used as the working area for EEL internal processing or the area where the data to be
set is allocated in the EEL_Execute function. The required size depends on the function to be used.
Table 6-4
Data Buffer Size Used by EEL Functions
Note: An additional 5-byte area is used by the request structure.
Figure 6-2
Arrangement Example of Self-RAM and Addresses FFE20H to FFEFFH
(RL78/G13: product with 4-Kbyte RAM and 64-Kbyte ROM)
Function Name
Bytes
Function Name
Bytes
FDL_Init
0
EEL_Close
0
FDL_Open
0
EEL_Execute
Note
0 to 255
FDL_Close
0
EEL_Handler
Note
0 to 255
EEL_Init
0
EEL_GetSpace
2
EEL_Open
0
EEL_GetVersionString
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com